Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STL13DP10F6 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STL13DP10F6
Description  Low gate drive power losses
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL13DP10F6 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STL13DP10F6 Datasheet HTML 6Page - STMicroelectronics STL13DP10F6 Datasheet HTML 7Page - STMicroelectronics STL13DP10F6 Datasheet HTML 8Page - STMicroelectronics STL13DP10F6 Datasheet HTML 9Page - STMicroelectronics STL13DP10F6 Datasheet HTML 10Page - STMicroelectronics STL13DP10F6 Datasheet HTML 11Page - STMicroelectronics STL13DP10F6 Datasheet HTML 12Page - STMicroelectronics STL13DP10F6 Datasheet HTML 13Page - STMicroelectronics STL13DP10F6 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DocID023936 Rev 2
11/14
STL13DP10F6
Package mechanical data
14
Table 8. PowerFLAT™ 5x6 double island type R-A mechanical data
Ref.
Dimensions (mm)
Min.
Typ.
Max.
A
0.80
1.00
A1
0.02
0.05
A2
0.25
b
0.30
0.50
D5.20
E6.15
D2
1.68
1.88
E2
3.50
3.70
D3
1.68
1.88
E3
3.50
3.70
E4
0.55
0.75
e1.27
L
0.60
0.80
K
1.275
1.575



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14