Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STBC02AJR Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce STBC02AJR
Description  Li-Ion linear battery charger with LDO, load switches and reset generator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC02AJR Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button STBC02AJR Datasheet HTML 30Page - STMicroelectronics STBC02AJR Datasheet HTML 31Page - STMicroelectronics STBC02AJR Datasheet HTML 32Page - STMicroelectronics STBC02AJR Datasheet HTML 33Page - STMicroelectronics STBC02AJR Datasheet HTML 34Page - STMicroelectronics STBC02AJR Datasheet HTML 35Page - STMicroelectronics STBC02AJR Datasheet HTML 36Page - STMicroelectronics STBC02AJR Datasheet HTML 37Page - STMicroelectronics STBC02AJR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
Operation description
STBC02
34/39
DocID029261 Rev 2
restored only by disconnecting and reconnecting back again a valid input voltage source on
the VIN pin.
8.15
Reverse current protection
When the input voltage (VIN) is higher than VUVLO, but lower than the battery voltage VBAT
(VUVLO < VIN < VBAT) the current path from BAT to IN is opened so to stop any reverse
current flowing from the battery to the input voltage source. This event is signaled through
the CHG flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39