Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SEA01 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce SEA01
Description  Constant voltage and current controller with online digital trimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA01 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button SEA01 Datasheet HTML 15Page - STMicroelectronics SEA01 Datasheet HTML 16Page - STMicroelectronics SEA01 Datasheet HTML 17Page - STMicroelectronics SEA01 Datasheet HTML 18Page - STMicroelectronics SEA01 Datasheet HTML 19Page - STMicroelectronics SEA01 Datasheet HTML 20Page - STMicroelectronics SEA01 Datasheet HTML 21Page - STMicroelectronics SEA01 Datasheet HTML 22Page - STMicroelectronics SEA01 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
DocID024452 Rev 1
19/24
SEA01
Online digital trimming procedure
3.7
Reload NVM (OTP)
During the trimming process if the user has changed the value of VrefV or VrefI with the
emulation command and wants to reload the content stored in the NVM, he can use the
“Reload NVM” command which is a write command that reloads the NVM into the
VrefV/VrefI registers (volatile memory).
Byte 1
(address, write type)
Byte 2
command
x
Sent by slave (device)
x
x
Sent by master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24