Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM8801 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce PM8801
Description  High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8801 Fiches technique(HTML) 5 Page - STMicroelectronics

  PM8801 Datasheet HTML 1Page - STMicroelectronics PM8801 Datasheet HTML 2Page - STMicroelectronics PM8801 Datasheet HTML 3Page - STMicroelectronics PM8801 Datasheet HTML 4Page - STMicroelectronics PM8801 Datasheet HTML 5Page - STMicroelectronics PM8801 Datasheet HTML 6Page - STMicroelectronics PM8801 Datasheet HTML 7Page - STMicroelectronics PM8801 Datasheet HTML 8Page - STMicroelectronics PM8801 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
DocID018560 Rev 2
5/37
PM8801
List of figures
List of figures
Figure 1.
Simplified application schematic for powered devices using PM8801
in forward active clamp configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
Simplified application schematic for powered devices using PM8801
in synchronous flyback configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
PM8801 internal block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 4.
Block diagram of the DC/DC section of the PM8801 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 5.
Pin connections (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 6.
PM8801: reference schematic of the PoE classification logic. . . . . . . . . . . . . . . . . . . . . . . 20
Figure 7.
T2P signal when connected to PSE supporting 1-event classification . . . . . . . . . . . . . . . . 21
Figure 8.
T2P signal when connected to PSE supporting 2-event classification . . . . . . . . . . . . . . . . 21
Figure 9.
Line transient response . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 10.
Sleep mode with pulsed MPS current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 11.
LED enabled at startup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 12.
Wakeup sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 13.
PWM frequency vs. RT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 14.
Delay time vs. RDT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 15.
Timing relationship between output drivers as a function of DT . . . . . . . . . . . . . . . . . . . . . 29
Figure 16.
Overload (left) and short-circuit (right) behavior . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 17.
Smooth transition from POE to auxiliary source and vice-versa. . . . . . . . . . . . . . . . . . . . . 32
Figure 18.
HTSSOP24 package dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37