Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LNBH29 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce LNBH29
Description  LNB supply and control IC with step-up and I²C interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH29 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button LNBH29 Datasheet HTML 23Page - STMicroelectronics LNBH29 Datasheet HTML 24Page - STMicroelectronics LNBH29 Datasheet HTML 25Page - STMicroelectronics LNBH29 Datasheet HTML 26Page - STMicroelectronics LNBH29 Datasheet HTML 27Page - STMicroelectronics LNBH29 Datasheet HTML 28Page - STMicroelectronics LNBH29 Datasheet HTML 29Page - STMicroelectronics LNBH29 Datasheet HTML 30Page - STMicroelectronics LNBH29 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
DocID023065 Rev 3
29/31
LNBH29
Package mechanical data
Figure 14. QFN16 (4 x 4) footprint recommended data (mm)
Figure 15. QFN16 (3 x 3) footprint recommended data (mm)
7571203_A
75029604_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31