Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4041 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce LM4041
Description  Precision micropower shunt voltage reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM4041 Fiches technique(HTML) 3 Page - STMicroelectronics

  LM4041 Datasheet HTML 1Page - STMicroelectronics LM4041 Datasheet HTML 2Page - STMicroelectronics LM4041 Datasheet HTML 3Page - STMicroelectronics LM4041 Datasheet HTML 4Page - STMicroelectronics LM4041 Datasheet HTML 5Page - STMicroelectronics LM4041 Datasheet HTML 6Page - STMicroelectronics LM4041 Datasheet HTML 7Page - STMicroelectronics LM4041 Datasheet HTML 8Page - STMicroelectronics LM4041 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DocID018817 Rev 4
3/16
LM4041
Pin configuration
16
1
Pin configuration
Note:
Below pins must be left floating or connected to Anode pin to improve noise immunity due to
PCB layout.
SOT23-3L: pin 3.
SOT323-5L: pin 2, pin 4 and pin 5.
Figure 1. Pin connection (top view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16