| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETV2665VIDZWT4 Fiches technique(PDF) 52 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV2665VIDZWT4 Fiches technique(HTML) 52 Page - Texas Instruments |
|
52 / 249 page ![]() TMS320C6424 SPRS347D – MARCH 2007 – REVISED DECEMBER 2009 www.ti.com Table 2-20. Multichannel Buffered Serial Port 0 and Multichannel Buffered Serial Port 1 (McBSP0 and McBSP1) Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) DESCRIPTION ZWT ZDU NAME NO. NO. Multichannel Buffered Serial Port 0 (McBSP0) For more details on pin multiplexing, see Section 3.7, Multiplexed Pin Configurations. CLKS0/TOUT0L/ IPD This pin is multiplexed between McBSP0, Timer0, and GPIO. J4 L3 I/O/Z GP[97] DVDD33 For McBSP0, it is McBSP0 external clock source (I). ACLKR0/CLKX0/ IPD This pin is multiplexed between McASP0, McBSP0, and GPIO. H1 J1 I/O/Z GP[99] DVDD33 For McBSP0, it is McBSP0 transmit clock CLKX0 (I/O/Z). AHCLKR0/CLKR0/ IPD This pin is multiplexed between McASP0, McBSP0, and GPIO. J2 K1 I/O/Z GP[101] DVDD33 For McBSP0, it is McBSP0 receive clock CLKR0 (I/O/Z). This pin is multiplexed between McASP0, McBSP0, and GPIO. AXR0[2]/FSX0/ IPD H3 J2 I/O/Z For McBSP0, it is McBSP0 transmit frame synchronization FSX0 GP[103] DVDD33 (I/O/Z). This pin is multiplexed between McASP0, McBSP0, and GPIO. AXR0[3]/FSR0/ IPD G4 J3 I/O/Z For McBSP0, it is McBSP0 receive frame synchronization FSR0 GP[102] DVDD33 (I/O/Z). AXR0[1]/DX0/ IPD This pin is multiplexed between McASP0, McBSP0, and GPIO. J3 K2 I/O/Z GP[104] DVDD33 For McBSP0, it is McBSP0 data transmit output DX0 (O/Z). AFSR0/DR0/ IPD This pin is multiplexed between McASP0, McBSP0, and GPIO. H4 K3 I/O/Z GP[100] DVDD33 For McBSP0, it is McBSP0 data receive input DR0 (I). Multichannel Buffered Serial Port 1 (McBSP1) For more details on pin multiplexing, see Section 3.7, Multiplexed Pin Configurations. CLKS1/TINP0L/ IPD This pin is multiplexed between McBSP0, Timer0, and GPIO. K2 L2 I/O/Z GP[98] DVDD33 For McBSP1, it is McBSP1 external clock source (I). ACLKX0/CLKX1/ IPD This pin is multiplexed between McASP0, McBSP1, and GPIO. F1 G1 I/O/Z GP[106] DVDD33 For McBSP1, it is McBSP1 transmit clock CLKX1 (I/O/Z). AHCLKX0/CLKR1/ IPD This pin is multiplexed between McASP0, McBSP1, and GPIO. G1 H1 I/O/Z GP[108] DVDD33 For McBSP1, it is McBSP1 receive clock CLKR1 (I/O/Z). This pin is multiplexed between McASP0, McBSP1, and GPIO. AMUTEIN0/FSX1/ IPD F2 G3 I/O/Z For McBSP1, it is McBSP1 transmit frame synchronization FSX1 GP[109] DVDD33 (I/O/Z). This pin is multiplexed between McASP0, McBSP1, and GPIO. AXR0[0]/FSR1/ IPD H2 H2 I/O/Z For McBSP1, it is McBSP1 receive frame synchronization FSR1 GP[105] DVDD33 (I/O/Z). AFSX0/DX1/ IPD This pin is multiplexed between McASP0, McBSP1, and GPIO. G2 G2 I/O/Z GP[107] DVDD33 For McBSP1, it is McBSP1 data transmit output DX1 (O/Z). AMUTE0/DR1/ IPD This pin is multiplexed between McASP0, McBSP1, and GPIO. G3 H3 I/O/Z GP[110] DVDD33 For McBSP1, it is McBSP1 data receive input DR1 (I). (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 3.9.1 , Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal 52 Device Overview Copyright © 2007–2009, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320C6424 |