| Moteur de recherche de fiches techniques de composants électroniques |
|
PC87570 Fiches technique(PDF) 78 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87570 Fiches technique(HTML) 78 Page - National Semiconductor (TI) |
|
78 / 168 page ![]() High Frequency Clock Generator (HFCG) 78 www.national.com 7.3.5 HFCGI Low Value Register (HFCGIL) The HFCGIL Register is a byte-wide, read/write register con- taining the lower eight bits of the frequency multiplier HFCGI value. Data written to the register is stored in the setup buffer. Reading the register returns the value of its first 8 bits. (The IVLID bit in the HFCGCTRL Register indicates if the data is valid.) 7.3.6 HFCGI High Value Register (HFCGIH) The HFCGIH Register is a byte-wide, read/write register containing the upper six bits of the frequency multiplier HFCGI value. Data written to the register is stored in the setup buffer. Reading the register returnees the current sta- tus of the frequency set registers. 7 0 HFCGI7-0 7 6 5 0 Res HFCGI8-13 |