| Moteur de recherche de fiches techniques de composants électroniques |
|
STV6618 Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV6618 Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 24 page ![]() I²C BUS SELECTION STV6618 14/24 Reg. Addr (Hex) Description Bits Data Comments d7 d6 d5 d4 d3 d2 d1 d0 02 Fast Blanking Output Control 2 X X X X X X X X X X X X X X X X X X X X X X X X 0 0 1 1 0 1 0 1 FBIN_AUX FB forced to Low Level FB forced to High Level Not allowed RGB/YPrPb Output Selection 2 X X X X X X X X X X X X X X X X 0 0 1 1 0 1 0 1 X X X X X X X X RGB/YPrPb_AUX RGB/YPrPb_ENC CIN_ENC (pin 6) at R/Pr/COUT_TV, B/PbOUT & G/YOUT muted RGB/YPrPb mute RGB or YPrPb or C Selection 2 X X X X X X X X X X X X X X X X 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 0 0 0 0 0 0 0 1 0 1 0 1 0 1 X X X X X X X X X X X X X X X X RGB mode selection, bottom clamp at RGB inputs, AUX. input selected RGB mode selection, bottom clamp at RGB inputs, ENC. input selected CIN_AUX (pin 17)selected, average clamp at R/Pr/CIN_AUX input, GIN_AUX (bottom clamp) selected, BIN_AUX (bottom clamp) selected CIN_ENC (pin 9)selected, average clamp at R/Pr/CIN_ENC input, GIN_ENC (bottom clamp) selected, BIN_ENC (bottom clamp) selected YPrPb mode selection, sync pulse clamp at Pr Pb inputs, black clamp at Y input, AUX. input selected YPrPb mode selection, sync pulse clamp at Pr Pb inputs, black clamp at Y input, ENC. input selected YPrPb mode selection, delayed sync pulse clamp at Pr Pb inputs, black clamp at Y input, AUX. input select YPrPb mode selection, delayed sync pulse clamp at Pr Pb inputs, black clamp at Y input, ENC. input select RGB/YPrPb Control 2 0 0 1 0 1 X X X X X X X X X X X X X X X X X X X RGB/YPrPb outputs active RGB/YPrPb outputs high imp state Red output active, Green and Blue high imp. state |