Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GW30V60DF Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce GW30V60DF
Description  Low thermal resistance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GW30V60DF Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button GW30V60DF Datasheet HTML 13Page - STMicroelectronics GW30V60DF Datasheet HTML 14Page - STMicroelectronics GW30V60DF Datasheet HTML 15Page - STMicroelectronics GW30V60DF Datasheet HTML 16Page - STMicroelectronics GW30V60DF Datasheet HTML 17Page - STMicroelectronics GW30V60DF Datasheet HTML 18Page - STMicroelectronics GW30V60DF Datasheet HTML 19Page - STMicroelectronics GW30V60DF Datasheet HTML 20Page - STMicroelectronics GW30V60DF Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
DocID024361 Rev 4
17/22
STGB30V60DF, STGP30V60DF, STGW30V60DF, STGWT30V60DF
Package mechanical data
Table 11. TO-3P mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.60
5
A1
1.45
1.50
1.65
A2
1.20
1.40
1.60
b
0.80
1
1.20
b1
1.80
2.20
b2
2.80
3.20
c
0.55
0.60
0.75
D
19.70
19.90
20.10
D1
13.90
E
15.40
15.80
E1
13.60
E2
9.60
e
5.15
5.45
5.75
L
19.50
20
20.50
L1
3.50
L2
18.20
18.40
18.60
øP
3.10
3.30
Q5
Q1
3.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22