Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC97338VLJ Fiches technique(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Fiches technique(HTML) 32 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 28Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 29Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 30Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 31Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 32Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 33Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 34Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 35Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 221 page
background image
32
www.national.com
(PPM
Mode)
81
79
O
Group 10
Step. This pin provides an additional step signal in PPM mode
when PNF = 0. STEP is multiplexed with SLIN and ASTRB. See
Table 72 for more information.
TC
6
4
I
Group 1
Terminal Count. This control signal from the DMA controller
indicates the termination of a DMA block transfer. TC is accepted
by the module (FDC, parallel port or SCC2) only when the
corresponding DMA acknowledge signal (DACK0, DACK1, DACK2
or DACK3, according to software configuration) is active. TC is
active high in PC-AT mode, and active low in PS/2 mode.
TRK0
(Normal
Mode)
37
35
I
Group 4
Track 0. This FDC input indicates to the controller that the head of
the selected floppy disk drive is at track zero.
(PPM
Mode)
93
91
I
Group 4
Track 0. This pin provides an additional Track 0 signal in PPM
Mode when PNF = 0.
TRK0 is multiplexed with PD1 (See Table 72 for more information).
VDD
50
99
48,
97
I
Power Supply signals. These pins input the 3.3 V or 5 V supply
voltage to the ChipVLJ and ChipVJG device.
VSS
42
9
90
61
40
7
88
59
O
Ground signals. These pins ground the ChipVLJ and ChipVJG
circuitry.
WAIT
84
82
I
Group 1
Wait. This signal is used in EPP mode, by the parallel port device,
to extend its access cycle. It is active low.
WAIT is multiplexed with BUSY and MTR1. See Table 72 for more
information.
WDATA
(Normal
Mode)
39
37
O
Group 10
FDC Write Data. This FDC output signal is the write
precompensated serial data that is written to the selected floppy
disk drive. Precompensation is software selectable.
(PPM
Mode)
83
81
O
Group 10
FDC Write Data. This pin provides an additional WDATA signal in
PPM mode when PNF = 0.
WDATA is multiplexed with PE. See Table 72 for more information.
WGATE
(Normal
Mode)
38
36
O
Group 10
FDC Write Gate. This FDC output signal enables the write circuitry
of the selected disk drive. WGATE is designed to prevent glitches
during power up and power down. This prevents writing to the disk
when power is cycled.
(PPM
Mode)
82
80
O
Group 10
FDC Write Gate. This pin provides an additional WGATE signal in
PPM mode, when PNF = 0.
WGATE is multiplexed with SLCT. See Table 72 for more
information.
WP
(Normal
Mode)
36
34
I
Group 4
Write Protect. This FDC input indicates that the disk in the selected
drive is write protected.
(PPM
Mode)
92
90
I
Group 4
Write Protect. This pin provides an additional WP signal in PPM
mode, when PNF = 0.
WP is multiplexed with PD2. See Table 72 for more information.
Symbol
PQFP
Pin
TQFP
Pin
I/O and
Group #
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More