| Moteur de recherche de fiches techniques de composants électroniques |
|
STF826 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STF826 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 12 page ![]() This is information on a product in full production. March 2013 DocID11748 Rev 2 1/12 12 STF826 PNP medium power transistor Datasheet - production data Figure 1. Internal schematic diagram Features • In compliance with the 2002/93/EC European directive • Available in tape & reel packing • Surface mounting devices in medium power SOT-223 and SOT-89 packages Applications • Voltage regulation • Relay driver • Generic switch Description The STF826 is a PNP transistor manufactured using planar Technology resulting in rugged high performance devices. SOT-89 Table 1. Device summary Order code Marking Package Packaging STF826 826 SOT-89 Tape and reel www.st.com Obsolete Product(s) - Obsolete Product(s) |
Numéro de pièce similaire - STF826 |
|
Description similaire - STF826 |