| Moteur de recherche de fiches techniques de composants électroniques |
|
STBC03 Fiches technique(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STBC03 Fiches technique(HTML) 30 Page - STMicroelectronics |
|
30 / 34 page ![]() Package information STBC03 30/34 DocID029927 Rev 2 9 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 9.1 Flip Chip 30 (2.59x2.25 mm) package information Figure 23: Flip Chip 30 (2.59x2.25 mm) package outline |