Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LED6001TR Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce LED6001TR
Description  PWM-dimmable single channel LED driver with integrated boost controlle
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6001TR Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button LED6001TR Datasheet HTML 13Page - STMicroelectronics LED6001TR Datasheet HTML 14Page - STMicroelectronics LED6001TR Datasheet HTML 15Page - STMicroelectronics LED6001TR Datasheet HTML 16Page - STMicroelectronics LED6001TR Datasheet HTML 17Page - STMicroelectronics LED6001TR Datasheet HTML 18Page - STMicroelectronics LED6001TR Datasheet HTML 19Page - STMicroelectronics LED6001TR Datasheet HTML 20Page - STMicroelectronics LED6001TR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
DocID025575 Rev 3
17/26
LED6001
Device description
26
Figure 8. External synchronization signal timing diagram
7.3
LED current regulation and brightness control
The brightness of the LEDs connected at the output of the LED6001 can be controlled by
applying the desired PWM signal at the PWMI pin. The boost controller is turned on and off
according to the duty cycle of the PWMI control signal. When the PWMI is high (and the
soft-start has been completed), the output (LED) current is regulated by keeping constant
the voltage drop across the external sensing resistor connected between the VFBP and
VFBN pins.
A buffered replica of PWMI is available at the PWMO for driving a dimming N-channel
MOSFET when superior dimming performance is required. In some applications a high-side
dimming switch could be desirable (e.g.: protection against output short-circuit to ground or
LED strings using the chassis as return) and a P-channel MOSFET can be used as shown
in Figure 9. Some additional components may be needed to avoid excessive voltage
between the gate and the source of such MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26