Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LED6000PHTR Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce LED6000PHTR
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000PHTR Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button LED6000PHTR Datasheet HTML 41Page - STMicroelectronics LED6000PHTR Datasheet HTML 42Page - STMicroelectronics LED6000PHTR Datasheet HTML 43Page - STMicroelectronics LED6000PHTR Datasheet HTML 44Page - STMicroelectronics LED6000PHTR Datasheet HTML 45Page - STMicroelectronics LED6000PHTR Datasheet HTML 46Page - STMicroelectronics LED6000PHTR Datasheet HTML 47Page - STMicroelectronics LED6000PHTR Datasheet HTML 48Page - STMicroelectronics LED6000PHTR Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
Package information
LED6000
46/49
DocID027777 Rev 2
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
HTSSOP16 package information
Figure 35. HTSSOP16 package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49