Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6564H Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce L6564H
Description  High voltage startup transition-mode PFC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564H Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button L6564H Datasheet HTML 27Page - STMicroelectronics L6564H Datasheet HTML 28Page - STMicroelectronics L6564H Datasheet HTML 29Page - STMicroelectronics L6564H Datasheet HTML 30Page - STMicroelectronics L6564H Datasheet HTML 31Page - STMicroelectronics L6564H Datasheet HTML 32Page - STMicroelectronics L6564H Datasheet HTML 33Page - STMicroelectronics L6564H Datasheet HTML 34Page - STMicroelectronics L6564H Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
L6564H
Package mechanical data
Doc ID 022960 Rev 2
31/35
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at:
www.st.com. ECOPACK
is an ST trademark.
Table 6.
SO-14 mechanical data
Dim.
Databook (mm.)
Min.
Typ.
Max.
A
1.35
1.75
A1
0.10
0.25
A2
1.10
1.65
B
0.33
0.51
C
0.19
0.25
D
8.55
8.75
E
3.80
4.00
e
1.27
H5.80
6.20
h0.25
0.50
L
0.40
1.27
K
0
8
e0.40
ddd
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35