Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6221 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce L6221
Description  Quad Darlington switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6221 Fiches technique(HTML) 5 Page - STMicroelectronics

  L6221 Datasheet HTML 1Page - STMicroelectronics L6221 Datasheet HTML 2Page - STMicroelectronics L6221 Datasheet HTML 3Page - STMicroelectronics L6221 Datasheet HTML 4Page - STMicroelectronics L6221 Datasheet HTML 5Page - STMicroelectronics L6221 Datasheet HTML 6Page - STMicroelectronics L6221 Datasheet HTML 7Page - STMicroelectronics L6221 Datasheet HTML 8Page - STMicroelectronics L6221 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Pin information
5/22
Table 3.
Truth table(1)
1.
For each input: H = High level, L = Low level
Enable
Input
Power out
HH
ON
HL
OFF
LX
OFF
Table 4.
Pin description(1)
1.
See
Figure 1: Block diagram
Name
Function
IN 1
Input to driver 1
IN 2
Input to driver 2
OUT 1
Output of driver 1
OUT 2
Output of driver 2
CLAMP A
Diode clamp to driver 1 and driver 2
IN 3
Input to driver 3
IN 4
Input to driver 4
OUT 3
Output of driver 3
OUT 4
Output of driver 4
CLAMP B
Diode clamp to driver 3 and driver 4
ENABLE
Enable input to all drivers
VS
Logic supply voltage
GND
Common ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22