Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2STN2550 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce 2STN2550
Description  Low voltage high performance PNP power transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STN2550 Fiches technique(HTML) 5 Page - STMicroelectronics

  2STN2550 Datasheet HTML 1Page - STMicroelectronics 2STN2550 Datasheet HTML 2Page - STMicroelectronics 2STN2550 Datasheet HTML 3Page - STMicroelectronics 2STN2550 Datasheet HTML 4Page - STMicroelectronics 2STN2550 Datasheet HTML 5Page - STMicroelectronics 2STN2550 Datasheet HTML 6Page - STMicroelectronics 2STN2550 Datasheet HTML 7Page - STMicroelectronics 2STN2550 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2STF2550 - 2STN2550
Package mechanical data
5/8
DIM.
mm.
min.
typ
max.
A
1.80
A1
0.02
0.1
B
0.60
0.70
0.85
B1
2.90
3.00
3.15
c
0.24
0.26
0.35
D6.30
6.50
6.70
e2.30
e1
4.60
E
3.30
3.50
3.70
H
6.70
7.00
7.30
V
10 o
SOT-223 mechanical data
0046067_L



Html Pages

1 2 3 4 5 6 7 8