| Moteur de recherche de fiches techniques de composants électroniques |
|
2STF2550 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2STF2550 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() Preliminary Data This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. November 2008 Rev 1 1/8 8 2STF2550 2STN2550 Low voltage high performance PNP power transistors Features ■ Very low collector-emitter saturation voltage ■ High current gain characteristic ■ Fast switching speed ■ Surface mounting devices in medium power SOT-89 and SOT-223 packages Applications ■ Emergency lighting ■ LED ■ Motherboard and hard disk drive ■ Mobile equipment ■ Battery charger ■ Voltage regulation Description The 2STF2550 and 2STN2550 are PNP transistors manufactured using new “PB-HCD” (Power bipolar high current density) technology. The resulting transistor shows exceptional high gain performances coupled with very low saturation voltage. Figure 1. Internal schematic diagram SOT-89 1 2 4 3 SOT-223 4 3 2 1 Table 1. Device summary Order codes Marking Package Packaging 2STF2550 2550 SOT-89 Tape and reel 2STN2550 N2550 SOT-223 www.st.com |
Numéro de pièce similaire - 2STF2550 |
|
Description similaire - 2STF2550 |