| Moteur de recherche de fiches techniques de composants électroniques |
|
2STF2280 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2STF2280 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 7 page ![]() Preliminary data This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. January 2010 Doc ID 16984 Rev 1 1/7 7 2STF2280 Low voltage high performance PNP power transistor Features ■ Low collector-emitter saturation voltage ■ High current gain characteristic ■ Fast switching speed Applications ■ DC-DC converter, voltage regulation ■ General purpose switching equipment Description The device is a PNP transistor manufactured using new “PB-HCD” (power bipolar high current density) technology. The resulting transistor shows exceptional high gain performances coupled with very low saturation voltage. Figure 1. Internal schematic diagram SOT-89 4 3 2 1 Table 1. Device summary Order code Marking Package Packaging 2STF2280 2280 SOT-89 Tape and reel www.st.com |
Numéro de pièce similaire - 2STF2280 |
|
Description similaire - 2STF2280 |