| Moteur de recherche de fiches techniques de composants électroniques |
|
2STF1525 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2STF1525 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 7 page ![]() November 2009 Doc ID 15794 Rev 2 1/7 7 2STF1525 Low voltage high performance NPN power transistor Features ■ Very low collector-emitter saturation voltage ■ High current gain characteristic ■ Fast switching speed Applications ■ Emergency lighting ■ LED drive ■ Motherboard and hard disk drive ■ Mobile equipment ■ DC-DC converter, voltage regulation Description The device is a NPN transistor manufactured using new “PB-HCD” (power bipolar high current density) technology. The resulting transistor shows exceptional high gain performances coupled with very low saturation voltage. Figure 1. Internal schematic diagram SOT-89 4 3 2 1 Table 1. Device summary Order codes Marking Package Packaging 2STF1525 1525 SOT-89 Tape and reel www.st.com Obsolete Product(s) - Obsolete Product(s) |
Numéro de pièce similaire - 2STF1525 |
|
Description similaire - 2STF1525 |