Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1047 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce 2SD1047
Description  Power supply
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2SD1047 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button 2SD1047 Datasheet HTML 2Page - STMicroelectronics 2SD1047 Datasheet HTML 3Page - STMicroelectronics 2SD1047 Datasheet HTML 4Page - STMicroelectronics 2SD1047 Datasheet HTML 5Page - STMicroelectronics 2SD1047 Datasheet HTML 6Page - STMicroelectronics 2SD1047 Datasheet HTML 7Page - STMicroelectronics 2SD1047 Datasheet HTML 8Page - STMicroelectronics 2SD1047 Datasheet HTML 9Page - STMicroelectronics 2SD1047 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Electrical characteristics
2SD1047
6/10
Doc ID 018729 Rev 1
Table 5.
TO-3P mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.6
5
A1
1.45
1.50
1.65
A2
1.20
1.40
1.60
b
0.80
1
1.20
b1
1.80
2.20
b2
2.80
3.20
c
0.55
0.60
0.75
D
19.70
19.90
20.10
D1
13.90
E
15.40
15.80
E1
13.60
E2
9.60
e
5.15
5.45
5.75
L
19.50
20
20.50
L1
3.50
L2
18.20
18.40
18.60
P
3.10
3.30
Q5
Q1
3.80



Html Pages

1 2 3 4 5 6 7 8 9 10