Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STL7N60M2 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STL7N60M2
Description  Extremely low gate charge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL7N60M2 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STL7N60M2 Datasheet HTML 5Page - STMicroelectronics STL7N60M2 Datasheet HTML 6Page - STMicroelectronics STL7N60M2 Datasheet HTML 7Page - STMicroelectronics STL7N60M2 Datasheet HTML 8Page - STMicroelectronics STL7N60M2 Datasheet HTML 9Page - STMicroelectronics STL7N60M2 Datasheet HTML 10Page - STMicroelectronics STL7N60M2 Datasheet HTML 11Page - STMicroelectronics STL7N60M2 Datasheet HTML 12Page - STMicroelectronics STL7N60M2 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
STL7N60M2
Package mechanical data
DocID027417 Rev 1
11/13
Table 9: PowerFLAT 5x5 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
1.0
A1
0.02
0.05
A2
0.25
b
0.30
0.50
D
5.00
D1
4.05
4.25
E
5.00
E1
0.64
0.79
E2
2.25
2.45
e
1.27
L
0.45
0.75
Figure 21: PowerFLAT™ 5x5 recommended footprint (dimensions are in mm)
8365434_ A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13