Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STIPN2M50T-H Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce STIPN2M50T-H
Description  3-phase inverters for small power motor drives
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIPN2M50T-H Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button STIPN2M50T-H Datasheet HTML 17Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 18Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 19Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 20Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 21Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 22Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 23Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 24Page - STMicroelectronics STIPN2M50T-H Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Package information
STIPN2M50T-H
22/25
DocID028651 Rev 5
Table 16: NDIP-26L type C mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
A1
0.80
1.00
1.20
A2
3.00
3.10
3.20
A3
1.70
1.80
1.90
A4
5.70
5.90
6.10
b
0.53
0.72
b1
0.52
0.60
0.68
b2
0.83
1.02
b3
0.82
0.90
0.98
c
0.46
0.59
c1
0.45
0.50
0.55
D
29.05
29.15
29.25
D1
0.50
0.77
1.00
D2
0.35
0.53
0.70
D3
29.55
E
12.35
12.45
12.55
e
1.70
1.80
1.90
e1
2.40
2.50
2.60
eB1
16.10
16.40
16.70
eB2
21.18
21.48
21.78
L
1.24
1.39
1.54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25