Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP40N65M2 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STP40N65M2
Description  Extremely low gate charge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP40N65M2 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STP40N65M2 Datasheet HTML 6Page - STMicroelectronics STP40N65M2 Datasheet HTML 7Page - STMicroelectronics STP40N65M2 Datasheet HTML 8Page - STMicroelectronics STP40N65M2 Datasheet HTML 9Page - STMicroelectronics STP40N65M2 Datasheet HTML 10Page - STMicroelectronics STP40N65M2 Datasheet HTML 11Page - STMicroelectronics STP40N65M2 Datasheet HTML 12Page - STMicroelectronics STP40N65M2 Datasheet HTML 13Page - STMicroelectronics STP40N65M2 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Package information
STI40N65M2, STP40N65M2
10/14
DocID027478 Rev 1
Table 9: I²PAK mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
–
4.60
A1
2.40
–
2.72
b
0.61
–
0.88
b1
1.14
–
1.70
c
0.49
–
0.70
c2
1.23
–
1.32
D
8.95
–
9.35
e
2.40
–
2.70
e1
4.95
–
5.15
E
10
–
10.40
L
13
–
14
L1
3.50
–
3.93
L2
1.27
–
1.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14