Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP18N65M2 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STP18N65M2
Description  Extremely low gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP18N65M2 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STP18N65M2 Datasheet HTML 7Page - STMicroelectronics STP18N65M2 Datasheet HTML 8Page - STMicroelectronics STP18N65M2 Datasheet HTML 9Page - STMicroelectronics STP18N65M2 Datasheet HTML 10Page - STMicroelectronics STP18N65M2 Datasheet HTML 11Page - STMicroelectronics STP18N65M2 Datasheet HTML 12Page - STMicroelectronics STP18N65M2 Datasheet HTML 13Page - STMicroelectronics STP18N65M2 Datasheet HTML 14Page - STMicroelectronics STP18N65M2 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DocID026870 Rev 2
11/15
STI18N65M2, STP18N65M2
Package mechanical data
15
Table 9. I²PAK (TO-262) mechanical data
DIM.
mm.
min.
typ
max.
A
4.40
4.60
A1
2.40
2.72
b
0.61
0.88
b1
1.14
1.70
c
0.49
0.70
c2
1.23
1.32
D
8.95
9.35
e
2.40
2.70
e1
4.95
5.15
E10
10.40
L13
14
L1
3.50
3.93
L2
1.27
1.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15