Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGIPS15C60-H Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STGIPS15C60-H
Description  Short-circuit rugged IGBTs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS15C60-H Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STGIPS15C60-H Datasheet HTML 9Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 10Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 11Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 12Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 13Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 14Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 15Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 16Page - STMicroelectronics STGIPS15C60-H Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
DocID025058 Rev 3
13/20
STGIPS15C60-H
Smart shutdown function
20
Figure 6. Smart shutdown timing waveforms
Note:
Please refer to Table 11 for internal propagation delay time details.
SD/OD
FROM/TO
CONTROLLER
VBIAS
CSD
RSD
SMART
SD
LOGIC
RON_OD
SHUT DOWN CIRCUIT
RPD_SD
An approximation of the disable time is given by:
where:
HIN/LIN
HVG/LVG
open drain gate
(internal)
comp Vref
CP+
PROTECTION
Fast shut down:
the driver outputs are set in SD state immediately after the comparator
triggering even if the SD signal has not yet reach the lower input threshold
disable time
SD/OD
AM12947v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20