| Moteur de recherche de fiches techniques de composants électroniques |
|
AMS001-R Fiches technique(PDF) 21 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
AMS001-R Fiches technique(HTML) 21 Page - Silicon Laboratories |
|
21 / 29 page ![]() AMS-00x • Embedded Bluetooth Low Energy Solution Regulatory Certification, Section 7 ADS-MS00x-107R • Preliminary Data Sheet Page | 17 ©2014-2015 ACKme Networks. http://ack.me September 14, 2015 7.3 Europe The AMS-00x module is an R&TTE Directive assessed radio module that is CE marked and has been manufac- tured and tested with the intention of being integrated into a final product. The AMS-00x module has been tested to R&TTE Di- rective 1999/5/EC Essential Requirements for Health and Safety Article 3.1(a), Electromagnetic Compatibility (EMC) Article 3.1(b), and Radio Article 3.2 and the re- sults are summarized in Table 12. A Notified Body Opin- ion has also been issued. All AMS-00x test reports are available on the ACKme Networks website at http://ack.me/contact. The R&TTE Compliance Association provides guidance on modular devices in the document titled Technical Guidance Note 01 available on the website at http://www.rtteca.com/html/download_area.htm. Labeling and User Information Requirements The label on the final product which contains the AMS-00x module must follow CE marking requirements. The R&TTE Compliance Association Technical Guidance Note 01 provides guidance on final product CE marking External Antenna Requirements From R&TTE Compliance Association document Tech- nical Guidance Note 01: Provided the integrator installing an assessed radio module with an integral or specific antenna and in- stalled in conformance with the radio module manufac- turer’s installation instructions requires no further evaluation under Article 3.2 of the R&TTE Directive and does not require further involvement of an R&TTE Di- rective Notified Body for the final product. [Section 2.2.4] The European Compliance Testing listed in Table 12 was performed using the AMS-00x on-board antenna. Further Information A document that can be used as a starting point in un- derstanding the use of Short Range Devices (SRD) in Europe is the European Radio Communications Com- mittee (ERC) Recommendation 70-03 E, which can be downloaded from the European Radio Communications Office (ERO) at: http://www.ero.dk. Further information may be obtained from the follow- ing websites: Radio and Telecommunications Terminal Equip- ment (R&TTE) http://ec.europa.eu/enterprise/rtte/index_en.htm European Conference of Postal and Telecommuni- cations Administrations (CEPT) http://www.cept.org European Telecommunications Standards Institute (ETSI) http://www.etsi.org European Radio Communications Office (ERO) http://www.ero.dk The Radio and Telecommunications Terminal Equipment Compliance Association (R&TTE CA) http://www.rtteca.com/ NOTE: To maintain conformance to the testing listed in Table 12, the module shall be installed in accordance with the installation instructions in this data sheet and shall not be modified. When integrating a radio module into a completed product the integrator becomes the manufacturer of the final product and is therefore responsible for demonstrating compliance of the final product with the essential requirements of the R&TTE Directive. |