Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP6N52K3 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce STP6N52K3
Description  Extremely high dv/dt capability
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP6N52K3 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button STP6N52K3 Datasheet HTML 11Page - STMicroelectronics STP6N52K3 Datasheet HTML 12Page - STMicroelectronics STP6N52K3 Datasheet HTML 13Page - STMicroelectronics STP6N52K3 Datasheet HTML 14Page - STMicroelectronics STP6N52K3 Datasheet HTML 15Page - STMicroelectronics STP6N52K3 Datasheet HTML 16Page - STMicroelectronics STP6N52K3 Datasheet HTML 17Page - STMicroelectronics STP6N52K3 Datasheet HTML 18Page - STMicroelectronics STP6N52K3 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
STB6N52K3, STD6N52K3, STF6N52K3, STP6N52K3
Package mechanical data
Doc ID 14994 Rev 2
15/22
Figure 27.
TO-220FP drawing
Table 11.
TO-220FP mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.4
4.6
B2.5
2.7
D
2.5
2.75
E0.45
0.7
F0.75
1
F1
1.15
1.70
F2
1.15
1.70
G4.95
5.2
G1
2.4
2.7
H
10
10.4
L2
16
L3
28.6
30.6
L4
9.8
10.6
L5
2.9
3.6
L6
15.9
16.4
L7
9
9.3
Dia
3
3.2
7012510_Rev_K
A
B
H
Dia
L7
D
E
L6
L5
L2
L3
L4
F1
F2
F
G
G1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22