Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC87309 Fiches technique(PDF) 78 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Fiches technique(HTML) 78 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 74Page - National Semiconductor (TI) PC87309 Datasheet HTML 75Page - National Semiconductor (TI) PC87309 Datasheet HTML 76Page - National Semiconductor (TI) PC87309 Datasheet HTML 77Page - National Semiconductor (TI) PC87309 Datasheet HTML 78Page - National Semiconductor (TI) PC87309 Datasheet HTML 79Page - National Semiconductor (TI) PC87309 Datasheet HTML 80Page - National Semiconductor (TI) PC87309 Datasheet HTML 81Page - National Semiconductor (TI) PC87309 Datasheet HTML 82Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 192 page
background image
The Floppy Disk Controller (FDC) (Logical Device 0)
78
www.national.com
3.8
EXAMPLE OF A FOUR-DRIVE CIRCUIT USING THE PC87309
Figure 3-6 shows one implementation of a four-drive circuit. Refer to TABLE 3-2 on page 39 to see how to encode the drive
and motor bits for this configuration.
FIGURE 3-6. PC87309 Four Floppy Disk Drive Circuit
PC87309
74LS139
7407 (2)
Hex Buffers
ICC = 40 mA
Open Collector
DR0
DR1
MTR0
G1
A1
B1
G2
A2
B2
1Y0
1Y1
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
Decoded Signal for Motor 3
Decoded Signal for Motor 2
Decoded Signal for Motor 1
Decoded Signal for Motor 0
Decoded Signal for Drive 3
Decoded Signal for Drive 2
Decoded Signal for Drive 1
Decoded Signal for Drive 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More