Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAC2933 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STAC2933
Description  Excellent thermal stability
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC2933 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STAC2933 Datasheet HTML 4Page - STMicroelectronics STAC2933 Datasheet HTML 5Page - STMicroelectronics STAC2933 Datasheet HTML 6Page - STMicroelectronics STAC2933 Datasheet HTML 7Page - STMicroelectronics STAC2933 Datasheet HTML 8Page - STMicroelectronics STAC2933 Datasheet HTML 9Page - STMicroelectronics STAC2933 Datasheet HTML 10Page - STMicroelectronics STAC2933 Datasheet HTML 11Page - STMicroelectronics STAC2933 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Package mechanical data
STAC2933
8/12
Doc ID 022676 Rev 1
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com. ECOPACK
is an ST trademark.
Table 9.
STAC177B mechanical data
Dim
mm
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
5.72
5.97
0.225
0.235
B
6.73
6.99
0.265
0.275
C
21.84
22.10
0.860
0.870
D
28.70
28.96
1.130
1.140
E
28.02
1.103
F
0.10
0.15
0.004
0.006
G
0.81
0.032
H
1.45
1.70
0.057
0.067
I
5.79
6.15
0.228
0.242
J
27.43
28.45
1.080
1.120
K
15.01
15.27
0.591
0.601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12