Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAC2932F Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STAC2932F
Description  Excellent thermal stability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC2932F Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STAC2932F Datasheet HTML 6Page - STMicroelectronics STAC2932F Datasheet HTML 7Page - STMicroelectronics STAC2932F Datasheet HTML 8Page - STMicroelectronics STAC2932F Datasheet HTML 9Page - STMicroelectronics STAC2932F Datasheet HTML 10Page - STMicroelectronics STAC2932F Datasheet HTML 11Page - STMicroelectronics STAC2932F Datasheet HTML 12Page - STMicroelectronics STAC2932F Datasheet HTML 13Page - STMicroelectronics STAC2932F Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Package mechanical data
STAC2932F
10/14
Doc ID 17120 Rev 3
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 8.
STAC244F package dimensions
Dim.
mm.
Inch
MinMax
MinMax
A
5.10
5.59
200
220
A1
4.32
4.83
170
190
B
4.32
5.33
170
210
C
9.65
9.91
380
390
D
19.61
20.02
772
788
E
20.45
20.70
805
815
F
0.08
1.15
.003
.006
G
0.89
1.14
.035
.045
H
1.45
1.70
.057
.067
I
3.18
4.32
.125
.170
J
9.27
9.53
.365
.375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14