Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAC2932B Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STAC2932B
Description  Excellent thermal stability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC2932B Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STAC2932B Datasheet HTML 6Page - STMicroelectronics STAC2932B Datasheet HTML 7Page - STMicroelectronics STAC2932B Datasheet HTML 8Page - STMicroelectronics STAC2932B Datasheet HTML 9Page - STMicroelectronics STAC2932B Datasheet HTML 10Page - STMicroelectronics STAC2932B Datasheet HTML 11Page - STMicroelectronics STAC2932B Datasheet HTML 12Page - STMicroelectronics STAC2932B Datasheet HTML 13Page - STMicroelectronics STAC2932B Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DocID15497 Rev 6
11/14
STAC2932B
Package mechanical data
14
Table 8. STAC244B mechanical data
Dim.
mm
Min.
Typ.
Max.
A5.08
5.59
A1
4.32
4.83
B4.32
5.33
C9.65
9.91
D
17.78
18.08
E
33.88
34.19
F0.10
0.15
G1.02
H1.45
1.70
I4.83
5.33
J9.27
9.52
K
27.69
28.19
L
3.12
3.23
3.33
M
3.35
3.45
3.56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14