Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STU6N60M2 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STU6N60M2
Description  Extremely low gate charge
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU6N60M2 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STU6N60M2 Datasheet HTML 6Page - STMicroelectronics STU6N60M2 Datasheet HTML 7Page - STMicroelectronics STU6N60M2 Datasheet HTML 8Page - STMicroelectronics STU6N60M2 Datasheet HTML 9Page - STMicroelectronics STU6N60M2 Datasheet HTML 10Page - STMicroelectronics STU6N60M2 Datasheet HTML 11Page - STMicroelectronics STU6N60M2 Datasheet HTML 12Page - STMicroelectronics STU6N60M2 Datasheet HTML 13Page - STMicroelectronics STU6N60M2 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Package information
STF6N60M2, STP6N60M2, STU6N60M2
10/18
DocID024771 Rev 2
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18