| Moteur de recherche de fiches techniques de composants électroniques |
|
PC87200 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87200 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 33 page ![]() © 1999 National Semiconductor Corporation www.national.com August 1999 PC87200 PCI to ISA Bridge 1.0 General Description The PC87200 Enhanced Integrated PCI-to-ISA bridge works with an LPC chipset to provide ISA slot support. It is a complement to the National Semiconductor PC8736x Super I/O family. 2.0 Features 2.1 General – Functionally compatible with Intel 82380AB – 5.0 V tolerant PCI and ISA interfaces – Slave mode serialized IRQ support for both quiet and continuous modes – PC/PCI DMA support – 32-bit address decode for the 1MB BIOS ROM – Supports ISA bus mastering – 160-pin PQFP package 2.2 PCI-to-ISA Bridge – PCI 2.1 compliant 33 MHz bus – Supports PCI initiator-to-ISA and ISA master-to-PCI cycle translations – Subtractive agent for unclaimed transactions (see the PROHIBIT signal description for exceptions) – Parallel to Serial IRQ conversion including IRQ3,4,5,6,7,9,10,11,12,14,15 – Supports 4 ISA slots directly without buffering – Programmable ISA clock (8.33 to 11 MHz) – Slow slew rate on edges 2.3 "PROHIBIT" functional support – Disables PCI bus subtractive decoding when PRO- HIBIT is asserted Block Diagram X-Bus ISA Bus PCI Bus PCI to X-Bus / X-Bus to PCI Bridge PCI Configuration Registers X-Bus Arbiter PC87200 Support Serial IRQ Slave mode interface logic Serialized IRQ Interface PC/PCI DMA Interface ISA bus Target Interface ISA bus Master Interface PCPCIREQ# PCPCIGNT# Decoding logic BPD# PROHIBIT TRI-STATE® is a registered trademark of National Semiconductor Corporation. |
Numéro de pièce similaire - PC87200 |
|
Description similaire - PC87200 |