Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STDLED623 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce STDLED623
Description  Very low intrinsic capacitance
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDLED623 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button STDLED623 Datasheet HTML 10Page - STMicroelectronics STDLED623 Datasheet HTML 11Page - STMicroelectronics STDLED623 Datasheet HTML 12Page - STMicroelectronics STDLED623 Datasheet HTML 13Page - STMicroelectronics STDLED623 Datasheet HTML 14Page - STMicroelectronics STDLED623 Datasheet HTML 15Page - STMicroelectronics STDLED623 Datasheet HTML 16Page - STMicroelectronics STDLED623 Datasheet HTML 17Page - STMicroelectronics STDLED623 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Packaging mechanical data
STDLED623, STULED623
16/18
DocID025178 Rev 1
Figure 24. Tape for DPAK (TO-252)
Figure 25. Reel for DPAK (TO-252)
P1
A0
D1
P0
F
W
E
D
B0
K0
T
User direction of feed
P2
10 pitches cumulative
tolerance on tape +/- 0.2 mm
User direction of feed
R
Bending radius
B1
For machine ref. only
including draft and
radii concentric around B0
AM08852v1
Top cover
tape
A
D
B
Full radius
G measured at hub
C
N
REEL DIMENSIONS
40mm min.
Access hole
At slot location
T
Tape slot
in core for
tape start 25 mm min.
width
AM08851v2
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18