| Moteur de recherche de fiches techniques de composants électroniques |
|
STFILED524 Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STFILED524 Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 22 page ![]() DocID025164 Rev 1 19/22 STDLED524,STFILED524,STPLED524,STULED524 Packaging mechanical data 5 Packaging mechanical data Table 13. DPAK (TO-252) tape and reel mechanical data Tape Reel Dim. mm Dim. mm Min. Max. Min. Max. A0 6.8 7 A 330 B0 10.4 10.6 B 1.5 B1 12.1 C 12.8 13.2 D 1.5 1.6 D 20.2 D1 1.5 G 16.4 18.4 E1.65 1.85 N 50 F 7.4 7.6 T 22.4 K0 2.55 2.75 P0 3.9 4.1 Base qty. 2500 P1 7.9 8.1 Bulk qty. 2500 P2 1.9 2.1 R40 T0.25 0.35 W15.7 16.3 Obsolete Product(s) - Obsolete Product(s) |