Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STF16N50M2 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce STF16N50M2
Description  Extremely low gate charge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF16N50M2 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button STF16N50M2 Datasheet HTML 13Page - STMicroelectronics STF16N50M2 Datasheet HTML 14Page - STMicroelectronics STF16N50M2 Datasheet HTML 15Page - STMicroelectronics STF16N50M2 Datasheet HTML 16Page - STMicroelectronics STF16N50M2 Datasheet HTML 17Page - STMicroelectronics STF16N50M2 Datasheet HTML 18Page - STMicroelectronics STF16N50M2 Datasheet HTML 19Page - STMicroelectronics STF16N50M2 Datasheet HTML 20Page - STMicroelectronics STF16N50M2 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
STD16N50M2, STF16N50M2, STP16N50M2
Package mechanical data
DocID026641 Rev 5
17/21
Table 11: TO-220FP package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.4
4.6
B
2.5
2.7
D
2.5
2.75
E
0.45
0.7
F
0.75
1
F1
1.15
1.70
F2
1.15
1.70
G
4.95
5.2
G1
2.4
2.7
H
10
10.4
L2
16
L3
28.6
30.6
L4
9.8
10.6
L5
2.9
3.6
L6
15.9
16.4
L7
9
9.3
Dia
3
3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21