| Moteur de recherche de fiches techniques de composants électroniques |
|
STI33N65M2 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STI33N65M2 Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 23 page ![]() DocID027286 Rev 1 3/23 STB33N65M2, STF33N65M2, STP33N65M2, STI33N65M2 Electrical ratings 23 1 Electrical ratings Table 2. Absolute maximum ratings Symbol Parameter Value Unit D2PAK, TO-220, I2PAK TO-220FP VGS Gate-source voltage ± 25 V ID Drain current (continuous) at TC = 25 °C 24 24(1) 1. Current limited by package. A ID Drain current (continuous) at TC = 100 °C 15 15(1) A IDM (2) 2. Pulse width limited by safe operating area. Drain current (pulsed) 96 A PTOT Total dissipation at TC = 25 °C 190 34 W VISO Insulation withstand voltage (RMS) from all three leads to external heat sink (t=1 s; TC=25 °C) 2500 V dv/dt (3) 3. ISD ≤ 24 A, di/dt ≤ 400 A/µs; VDS peak < V(BR)DSS, VDD=400 V Peak diode recovery voltage slope 15 V/ns dv/dt(4) 4. VDS ≤ 520 V MOSFET dv/dt ruggedness 50 Tstg Storage temperature - 55 to 150 °C Tj Max. operating junction temperature 150 Table 3. Thermal data Symbol Parameter Value Unit D2PAK TO-220FP TO-220 I2PAK Rthj-case Thermal resistance junction-case max 0.66 3.68 0.66 °C/W Rthj-pcb (1) 1. When mounted on 1 inch² FR-4, 2 Oz copper board Thermal resistance junction-pcb max 30 °C/W Rthj-amb Thermal resistance junction-ambient max 62.5 °C/W Table 4. Avalanche characteristics Symbol Parameter Value Unit IAR Avalanche current, repetitive or not repetitive (pulse width limited by Tjmax) 2.5 A EAS Single pulse avalanche energy (starting Tj=25°C, ID= IAR; VDD=50 V) 780 mJ |