| Moteur de recherche de fiches techniques de composants électroniques |
|
STF28N65M2 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STF28N65M2 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 22 page ![]() This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. December 2014 DocID027256 Rev 1 1/22 STB28N65M2, STF28N65M2, STP28N65M2, STW28N65M2 N-channel 650 V, 0.15 Ω typ., 20 A MDmesh™ M2 Power MOSFETs in D²PAK, TO-220FP, TO-220 and TO-247 packages Datasheet - preliminary data Figure 1. Internal schematic diagram Features • Extremely low gate charge • Excellent output capacitance (Coss) profile • 100% avalanche tested • Zener-protected Applications • Switching applications Description These devices are N-channel Power MOSFETs developed using MDmesh™ M2 technology. Thanks to their strip layout and improved vertical structure, the devices exhibit low on-resistance and optimized switching characteristics, rendering them suitable for the most demanding high efficiency converters. TO-220FP 1 2 3 D2PAK TO-220 TO-247 1 2 3 TAB 1 2 3 1 3 TAB AM15572v1 , TAB Order codes VDS RDS(on) max ID STB28N65M2 650 V 0.18 Ω 20 A STF28N65M2 STP28N65M2 STW28N65M2 Table 1. Device summary Order codes Marking Package Packaging STB28N65M2 28N65M2 D2PAK Tape and reel STF28N65M2 TO-220FP Tube STP28N65M2 TO-220 STW28N65M2 TO-247 www.st.com |
Numéro de pièce similaire - STF28N65M2 |
|
Description similaire - STF28N65M2 |