Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB28N65M2 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STB28N65M2
Description  Extremely low gate charge
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB28N65M2 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STB28N65M2 Datasheet HTML 6Page - STMicroelectronics STB28N65M2 Datasheet HTML 7Page - STMicroelectronics STB28N65M2 Datasheet HTML 8Page - STMicroelectronics STB28N65M2 Datasheet HTML 9Page - STMicroelectronics STB28N65M2 Datasheet HTML 10Page - STMicroelectronics STB28N65M2 Datasheet HTML 11Page - STMicroelectronics STB28N65M2 Datasheet HTML 12Page - STMicroelectronics STB28N65M2 Datasheet HTML 13Page - STMicroelectronics STB28N65M2 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Package mechanical data
STB28N65M2, STF28N65M2, STP28N65M2, STW28N65M2
10/22
DocID027256 Rev 1
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
4.1
D²PAK, STB28N65M2
Figure 24. D2PAK drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22