| Moteur de recherche de fiches techniques de composants électroniques |
|
HAL805 Fiches technique(PDF) 95 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
HAL805 Fiches technique(HTML) 95 Page - Micronas |
|
95 / 102 page ![]() APPLICATION NOTE HAL8xy, HAL100x Programmer Board Micronas Sept. 19, 2013; APN000046_03EN 95 7.4. Data Formats The protocol between the programmer board and the Hall sensor defines fixed lengths for the data, command, and address words to be transmitted: – Command (CMD): 3 bit – Address (ADR): 4 bit – Data (DAT): 14 bit – Command Parity (CP): 1 bit – Address Parity (AP): 1 bit – Data Parity (DP): 1 bit Reminder: For communication with the programmer board, the 14 data bits are encoded in four ASCII characters: DAT3, DAT2, DAT1, and DAT0. As every register has a different length, not all of the 14 bits are used. Furthermore, there is a difference between the write format (transfer board IC) and the read format (transfer IC Board). Table 7–6 shows which of the 14 bits are valid for each register (write format and read format). Table 7–6: Data formats Register Char DAT3 DAT2 DAT1 DAT0 Bit 15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00 PART NUMBER Write Read V V V V V V V V V V V V V V V V V V V V V V SHIFT Write Read V V V V V V V V V V V V V V V V V V V V V V SLOPE Write Read V V V V V V V V V V V V V V V V V V V V V V V V V V V V MODE Write Read V V V V V V V V V V V V V V V V V V V V V V V V V V V V DIGITAL OUTPUT Read VVV VVVVVVVVVVV SPECIAL CUSTOMER Write Read V V V V V V V V V V V V TC Write Read (V) V V V V V V (V) V V V V V V TCSQ Write Read V V V V V V V V V V CURVE LOW Write Read V V V V V V V V V V V V V V V V V V CURVE HIGH Write Read V V V V V V V V V V V V V V V V V V OFFSET CORRECTION Write Read V V V V V V V V V V CURRENT SOURCE Write Read V V V V V V V V V V V V V V V V V V V V V: valid, : ignore, bit order: MSB first, (V): This bit must be ignored. |