Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST-4/42EG Fiches technique(PDF) 3 Page - Copal Electronics

No de pièce ST-4/42EG
Description  SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COPAL [Copal Electronics]
Site Internet  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ST-4/42EG Fiches technique(HTML) 3 Page - Copal Electronics

  ST-4/42EG Datasheet HTML 1Page - Copal Electronics ST-4/42EG Datasheet HTML 2Page - Copal Electronics ST-4/42EG Datasheet HTML 3Page - Copal Electronics ST-4/42EG Datasheet HTML 4Page - Copal Electronics ST-4/42EG Datasheet HTML 5Page - Copal Electronics ST-4/42EG Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2
1.6
1.6
2.35
0
2
1.6
1.6
2.35
0
2
1.6
1.6
2.35
0
2
1.6
1.6
2.35
0
2
1.6
1.6
2.35
0
■ MAXIMUM INPUT RATINGS
Nominal resistance values (
Ω)
Resistance code
Maximum input voltage (V)
Maximum wiper current (mA)
A
10
100
1.00
100
A
20
200
2.00
100
50
500
3.53
70.7
100
101
5.00
50.0
200
201
7.07
35.4
500
501
11.2
22.4
1 k
102
15.8
15.8
2 k
202
22.4
11.2
5 k
502
35.4
7.07
10 k
103
50.0
5.00
20 k
203
70.7
3.54
50 k
503
112
2.24
100 k
104
158
1.58
200 k
204
200
1.00
500 k
504
200
0.40
1 M
105
200
0.20
2 M
205
200
0.10
■ RECOMMENDED P.C.B. PAD OUTLINE DIMENSIONS
(Unit: mm)
ST-4EA
ST-4EG
ST-4EH
ST-4EB
ST-4ED
Note) The zero point is the center of mounting.
The products indicated by
A
mark are manufactured upon
receipt of order basis.
ST-4
SURFACE MOUNT TRIMMERS



Html Pages

1 2 3 4 5 6