Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD6N80K5 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce STD6N80K5
Description  Zener-protected
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD6N80K5 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button STD6N80K5 Datasheet HTML 17Page - STMicroelectronics STD6N80K5 Datasheet HTML 18Page - STMicroelectronics STD6N80K5 Datasheet HTML 19Page - STMicroelectronics STD6N80K5 Datasheet HTML 20Page - STMicroelectronics STD6N80K5 Datasheet HTML 21Page - STMicroelectronics STD6N80K5 Datasheet HTML 22Page - STMicroelectronics STD6N80K5 Datasheet HTML 23Page - STMicroelectronics STD6N80K5 Datasheet HTML 24Page - STMicroelectronics STD6N80K5 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DocID024661 Rev 3
21/26
STB6N80K5, STD6N80K5, STI6N80K5, STP6N80K5
Package information
26
Table 13. TO-220 type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
4.60
b
0.61
0.88
b1
1.14
1.70
c
0.48
0.70
D
15.25
15.75
D1
1.27
E10
10.40
e
2.40
2.70
e1
4.95
5.15
F
1.23
1.32
H1
6.20
6.60
J1
2.40
2.72
L13
14
L1
3.50
3.93
L20
16.40
L30
28.90
∅P
3.75
3.85
Q
2.65
2.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26