Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC8477B Fiches technique(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce PC8477B
Description  Advanced Floppy Disk Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477B Fiches technique(HTML) 20 Page - National Semiconductor (TI)

Back Button PC8477B Datasheet HTML 16Page - National Semiconductor (TI) PC8477B Datasheet HTML 17Page - National Semiconductor (TI) PC8477B Datasheet HTML 18Page - National Semiconductor (TI) PC8477B Datasheet HTML 19Page - National Semiconductor (TI) PC8477B Datasheet HTML 20Page - National Semiconductor (TI) PC8477B Datasheet HTML 21Page - National Semiconductor (TI) PC8477B Datasheet HTML 22Page - National Semiconductor (TI) PC8477B Datasheet HTML 23Page - National Semiconductor (TI) PC8477B Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
40 Command Set Description (Continued)
TLF11332 – 4
Notes
FE e Data Pattern of FE Clock Pattern of C7
All byte counts in decimal
FC e Data Pattern of FC Clock Pattern of D7
All byte values in hex
FB e Data Pattern of FB Clock Pattern of C7
Two byte CRC uses standard polynomial x16 a x12 a x5 a 1
F8 e Data Pattern of F8 Clock Pattern of C7
FM mode is not guaranteed through functional testing
A1 e Data Pattern of A1 Clock Pattern of 0A
Perpendicular Format GAP2 e 41 bytes for 1 Mbs
C2 e Data Pattern of C2 Clock Pattern of 14
All other data rates use GAP2 e 22 bytes
FIGURE 4-1 IBM Perpendicular and ISO Formats Supported by Format Command
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54