| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7705TR Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7705TR Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 42 page ![]() Electrical specifications TDA7705 16/42 Doc ID 15938 Rev 9 3 Electrical specifications 3.1 Absolute maximum ratings 3.2 Thermal data 3.3 General key parameters Table 4. Absolute maximum ratings Symbol Parameter Test condition Min Typ Max Units VCC Supply voltage - - - 5.5 V Tstg Storage temperature - -55 - 150 °C VESD ESD withstand voltage Human body model ±2000 V Charged device model ±450 Charged device model, corner pins ±750 Machine model ±150 Table 5. Thermal data Symbol Parameter Test condition Value Units RTh j-amb Thermal resistance junction-to-ambient LQFP64 10x10, double-layer JEDEC PCB 55 °C/W Table 6. General key parameters Symbol Parameter Test condition Min Typ Max Units VCC 5 V supply voltage - 4.7 5 5.25 V ICC Supply current @ 5 V - - 220 295 mA Tamb Ambient temperature range - -40 - 85 °C VVCCREG12 VCCREG12 supply voltage see note(1) 2- - V V1V2 Digital core 1.2V supply voltage when supplied externally see note (2) 1.08 1.2 1.32 V I1V2 Digital core 1.2 V supply current V1V2 = 1.08 V see note (2) -- 120 mA V1V2 = 1.2 V see note (2) -80 135 mA V1V2 = 1.32 V see note (2) -- 150 mA 1. In the typical application supplied from 5V with a series resistor. 2. When the 1.2 V supply is applied externally, and not using the internal 1.2 V regulator. |