Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA9534 Fiches technique(PDF) 13 Page - NXP Semiconductors

No de pièce PCA9534
Description  8-bit I2C and SMBus, low power I/O port with interrupt
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9534 Fiches technique(HTML) 13 Page - NXP Semiconductors

Back Button PCA9534 Datasheet HTML 9Page - NXP Semiconductors PCA9534 Datasheet HTML 10Page - NXP Semiconductors PCA9534 Datasheet HTML 11Page - NXP Semiconductors PCA9534 Datasheet HTML 12Page - NXP Semiconductors PCA9534 Datasheet HTML 13Page - NXP Semiconductors PCA9534 Datasheet HTML 14Page - NXP Semiconductors PCA9534 Datasheet HTML 15Page - NXP Semiconductors PCA9534 Datasheet HTML 16Page - NXP Semiconductors PCA9534 Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Philips Semiconductors
Product data sheet
PCA9534
8-bit I2C and SMBus low power I/O port with interrupt
2004 Sep 30
13
SO16:
plastic small outline package; 16 leads; body width 7.5 mm
SOT162-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17