Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPS30L30DJF Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STPS30L30DJF
Description  High efficiency power Schottky diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30L30DJF Fiches technique(HTML) 5 Page - STMicroelectronics

  STPS30L30DJF Datasheet HTML 1Page - STMicroelectronics STPS30L30DJF Datasheet HTML 2Page - STMicroelectronics STPS30L30DJF Datasheet HTML 3Page - STMicroelectronics STPS30L30DJF Datasheet HTML 4Page - STMicroelectronics STPS30L30DJF Datasheet HTML 5Page - STMicroelectronics STPS30L30DJF Datasheet HTML 6Page - STMicroelectronics STPS30L30DJF Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STPS30L30DJF
Package information
Doc ID 022946 Rev 1
5/7
2
Package information
●
Epoxy meets UL94,V0
●
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 11.
Footprint (dimensions in mm)
Table 5.
PowerFLAT 5x6 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
1.00
0.031
0.039
A1
0.02
0.05
0.001
0.002
A2
0.25
0.010
b
0.30
0.50
0.012
0.020
D
5.20
0.205
D2
4.11
4.31
0.162
0.170
e
1.27
0.050
E
6.15
0.242
E2
3.50
3.70
0.138
0.146
L
0.50
0.80
0.020
0.031
K
1.275
1.575
0.050
0.062
D2
E2
K
L
b
e
D
E
A
A1
A2
1.27
0.62
0.95
0.98
5.35
4.41



Html Pages

1 2 3 4 5 6 7