Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPS2H100ZF Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STPS2H100ZF
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2H100ZF Fiches technique(HTML) 5 Page - STMicroelectronics

  STPS2H100ZF Datasheet HTML 1Page - STMicroelectronics STPS2H100ZF Datasheet HTML 2Page - STMicroelectronics STPS2H100ZF Datasheet HTML 3Page - STMicroelectronics STPS2H100ZF Datasheet HTML 4Page - STMicroelectronics STPS2H100ZF Datasheet HTML 5Page - STMicroelectronics STPS2H100ZF Datasheet HTML 6Page - STMicroelectronics STPS2H100ZF Datasheet HTML 7Page - STMicroelectronics STPS2H100ZF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STPS2H100ZF
Package information
DocID029645 Rev 1
5/8
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Epoxy meets UL94, V0
Cooling method: by conduction (C)
2.1
SOD123Flat package information
Figure 9: SOD123Flat package outline
C1
C
L
L
E
b
A
D
HD



Html Pages

1 2 3 4 5 6 7 8