| Moteur de recherche de fiches techniques de composants électroniques |
|
OMAP3530ECUS Fiches technique(PDF) 111 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECUS Fiches technique(HTML) 111 Page - Texas Instruments |
|
111 / 265 page ![]() OMAP3530, OMAP3525 www.ti.com SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 Table 2-24. General-Purpose IOs Signals Description(1) (continued) SIGNAL NAME DESCRIPTION TYPE(2) BALL BOTTOM BALL BOTTOM BALL BOTTOM (CBB Pkg.) (CBC Pkg.) (CUS Pkg.) gpio_49 General-purpose IO 49 IO T2 P1 U2 gpio_50 General-purpose IO 50 IO W1 L2 V1 gpio_51 General-purpose IO 51 IO Y1 M2 V2 gpio_52 General-purpose IO 52 IO H3 AD1 NA gpio_53 General-purpose IO 53 IO V8 A3 NA gpio_54 General-purpose IO 54 IO U8 B6 D2 gpio_55 General-purpose IO 55 IO T8 B4 F4 gpio_56 General-purpose IO 56 IO R8 C4 G5 gpio_57 General-purpose IO 57 IO P8 B5 F3 gpio_58 General-purpose IO 58 IO N8 C5 G4 gpio_59 General-purpose IO 59 IO T4 N1 W2 gpio_60 General-purpose IO 60 IO G3 K2 K5 gpio_61 General-purpose IO 61 IO U3 J1 L1 gpio_62 General-purpose IO 62 IO H1 AC6 E1 gpio_63 General-purpose IO 63 IO L8 AC8 NA gpio_64 General-purpose IO 64 IO K8 B3 NA gpio_65 General-purpose IO 65 IO J8 C6 C2 gpio_66 General-purpose IO 66 IO D28 G25 G22 gpio_67 General-purpose IO 67 IO D26 K24 E22 gpio_68 General-purpose IO 68 IO D27 M25 F22 gpio_69 General-purpose IO 69 IO E27 F26 J21 gpio_70 General-purpose IO 70 IO AG22 AE21 AC19 gpio_71 General-purpose IO 71 IO AH22 AE22 AB19 gpio_72 General-purpose IO 72 IO AG23 AE23 AD20 gpio_73 General-purpose IO 73 IO AH23 AE24 AC20 gpio_74 General-purpose IO 74 IO AG24 AD23 AD21 gpio_75 General-purpose IO 75 IO AH24 AD24 AC21 gpio_76 General-purpose IO 76 IO E26 G26 D24 gpio_77 General-purpose IO 77 IO F28 H25 E23 gpio_78 General-purpose IO 78 IO F27 H26 E24 gpio_79 General-purpose IO 79 IO G26 J26 F23 gpio_80 General-purpose IO 80 IO AD28 AC26 AC22 gpio_81 General-purpose IO 81 IO AD27 AD26 AC23 gpio_82 General-purpose IO 82 IO AB28 AA25 AB22 gpio_83 General-purpose IO 83 IO AB27 Y25 Y22 gpio_84 General-purpose IO 84 IO AA28 AA26 W22 gpio_85 General-purpose IO 85 IO AA27 AB26 V22 gpio_86 General-purpose IO 86 IO G25 L25 J22 gpio_87 General-purpose IO 87 IO H27 L26 G23 gpio_88 General-purpose IO 88 IO H26 M24 G24 gpio_89 General-purpose IO 89 IO H25 M26 H23 gpio_90 General-purpose IO 90 IO E28 F25 D23 gpio_91 General-purpose IO 91 IO J26 N24 K22 gpio_92 General-purpose IO 92 IO AC27 AC25 V21 gpio_93 General-purpose IO 93 IO AC28 AB25 W21 gpio_94 General-purpose IO 94 IO A24 C23 A22 gpio_95 General-purpose IO 95 IO A23 D23 E18 gpio_96 General-purpose IO 96 IO C25 C25 B22 gpio_97 General-purpose IO 97 IO C27 C26 J19 gpio_98 General-purpose IO 98 IO C23 B23 H24 gpio_99 General-purpose IO 99 I AG17 AE16 AB18 Copyright © 2008–2013, Texas Instruments Incorporated TERMINAL DESCRIPTION 111 Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |